Part Number Hot Search : 
MSQ07001 LTC1345 2SC393 SFMJ490 SFMJ490 MX25L MP01907 SFM16
Product Description
Full Text Search
 

To Download DBLS159G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DBL151G THRU DBL159G
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1400 Volts Current 1.5 Amperes
DBL
Features a a a a a a a a
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique High surge current capability High temperature soldering guaranteed: 260+ / 10 seconds at 5 lbs., ( 2.3 kg ) tension Small size, simple installation Leads solderable per MIL-STD-202 Method 208
.102(2.60) .094(2.40)
.255(6.5) .245(6.2)
.315(8.0) .285(7.24)
.335(8.51) .320(8.12)
.08(2.03) .05(1.27)
.045(1.14) .035(0.89) .023(0.58) .018(0.46) .205(5.2) .195(5.0) .185(4.69) .150(3.81) .075(1.90) .055(1.39) .013(0.33) .0088(0.22) .350(8.9) .300(7.6)
DBLS
.047(1.20) .040(1.02) .205(5.2) .195(5.0)
.404(10.3) .386(9.80)
.335(8.51) .320(8.13) 45 0
.255(6.5) .245(6.2) .013(0.33) .0088(0.22)
.102(2.60) .094(2.40)
.060(1.53) .040(1.02)
.013(0.33) .003(0.076)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25+ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
DBL DBL DBL DBL DBL DBL DBL DBL DBL 151G 152G 153G 154G 155G 156G 157G 158G 159G
DBLS DBLS DBLS DBLS DBLS DBLS DBLS DBLS DBLS 151G 152G 153G 154G 155G 156G 157G 158G 159G
Units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 40+ Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.5A Maximum DC Reverse Current @ TA=25+ at Rated DC Blocking Voltage @ TA=125+ Typical Thermal Resistance (Note) RUJA RUJL Operating Temperature Range TJ Storage Temperature Range TSTG
50 35 50
100 200 400 600 800 1000 1200 1400 70 140 280 420 560 700 840 980 100 200 400 600 800 1000 1200 1400
V V V A A
1.5 50 1.1 10 500 40 15 -55 to +150 -55 to +150 1.25
V uA uA +/w + +
Note: Thermal resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with 0.51 x 0.51" (13 x 13mm) Copper Pads.
RATINGS AND CHARACTERISTIC CURVES (DBL151G THRU DBL159G)
FIG.1- MAXIMUM DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
PEAK FORWARD SURGE CURRENT. (A)
.06" (1.5mm) PCB Copper Pauls .51" x .51" (13mm x 13mm)
1.5
AVERAGE FORWARD CURRENT. (A)
60
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER BRIDGE ELEMENT
Tj=25 0C
50 40 30 20 10 0
Single Sine - Wave (JEDEC Method)
0.75
60Hz RESISTIVE OR INDUCTIVE LOAD
0
20
40
60
80
100
o
120
140 150
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
10
Tj=125 0C
INSTANTANEOUS REVERSE CURRENT. ( A)
10
INSTANTANEOUS FORWARD CURRENT. (A)
1
1.0
.10
Tj=25 0C
0.1
Tj=25 C PULSE WIDTH-300 S 2% DUTY CYCLE
.01
0
.01 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.4
0.6
0.8 1.0 FORWARD VOLTAGE. (V)
1.2
1.4
FIG.5- TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
100
CAPACITANCE.(pF)
10
Tj=25 0C f=1.0MHz Vsig=50mVp-p
1
1.0
10 REVERSE VOLTAGE. (V)
100
- 481-


▲Up To Search▲   

 
Price & Availability of DBLS159G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X